Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # UPD16640C
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16640C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button UPD16640C Datasheet HTML 7Page - Renesas Technology Corp UPD16640C Datasheet HTML 8Page - Renesas Technology Corp UPD16640C Datasheet HTML 9Page - Renesas Technology Corp UPD16640C Datasheet HTML 10Page - Renesas Technology Corp UPD16640C Datasheet HTML 11Page - Renesas Technology Corp UPD16640C Datasheet HTML 12Page - Renesas Technology Corp UPD16640C Datasheet HTML 13Page - Renesas Technology Corp UPD16640C Datasheet HTML 14Page - Renesas Technology Corp UPD16640C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet S11269EJ1V1DS00
9
µµµµ PD16640C
7. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (VSS1 = VSS2 = 0 V)
Parameter
Symbol
Ratings
Unit
Logic power supply
VDD1
–0.3 to +4.5
V
Driver power supply
VDD2
–0.3 to +6.0
V
Input voltage
VI
–0.3 to VDD1,2 + 0.3
V
Output voltage
VO
–0.3 to VDD1,2 + 0.3
V
Operating ambient temperature
TA
–10 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Caution
If the absolute maximum rating of even one of the above parameters is exceeded even
momentarily, the quality of the product may be degraded. Absolute maximum ratings, therefore,
specify the values exceeding which the product may be physically damaged. Be sure to use the
product within the range of the absolute maximum ratings.
Recommended Operating Range (TA = –10 to +75
°C, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Logic supply voltage
VDD1
3.0
3.3
3.6
V
Driver supply voltage
VDD2
Vsel = H
3.0
3.3
3.6
V
Vsel = L
4.5
5.0
5.5
V
High-level input voltage
VIH
R,/L, CLK, STB, Osel, Vsel,
0.7VDD1
VDD1
V
Low-level input voltage
VIL
STHR(STHL),
D00-D05,D10-D15, D20-D25
00.3VDD1
V
γ-corrected supply voltage
V0-V10
VSS2+0.1
VDD2
−0.1
V
Maximum clock frequency
fMAX.
55
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com