Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8102ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8102ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8102ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL8102ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
ADL8102
analog.com
Rev. 0 | 3 of 23
SPECIFICATIONS
1 GH
z TO 9 GHz
Supply voltage (VDD) = 5 V, quiescent current (IDQ) = 110 mA, bias resistance (RBIAS) = 1150 Ω, and TCASE = 25°C, unless otherwise noted.
Table 1. Specifications for 1 GHz to 9 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
1
9
GHz
GAIN (S21)
23
25.5
dB
Gain Variation over Temperature
0.053
dB/°C
NOISE FIGURE
3
dB
RETURN LOSS
Input (S11)
15
dB
Output (S22)
18
dB
OUTPUT
Power for 1 dB Compression (OP1dB)
11
13.5
dBm
Saturated Output Power (PSAT)
15.5
dBm
OIP3
25
dBm
Measurement taken at POUT per tone = −4 dBm
Second-Order Intercept (OIP2)
32
dBm
Measurement taken at POUT per tone = −4 dBm
POWER ADDED EFFICIENCY (PAE)
6.5
%
Measured at PSAT
9 GH
z TO 19 GHz
VDD = 5 V, IDQ= 110 mA, RBIAS = 1150 Ω, and TCASE = 25°C, unless otherwise noted.
Table 2. Specifications for 9 GHz to 19 GHz
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
9
19
GHz
S21
24.5
27
dB
Gain Variation over Temperature
0.054
dB/°C
NOISE FIGURE
2.5
dB
RETURN LOSS
S11
23
dB
S22
15
dB
OUTPUT
OP1dB
11
13
dBm
PSAT
15.4
dBm
OIP3
24.5
dBm
Measurement taken at POUT per tone = −4 dBm
OIP2
29
dBm
Measurement taken at POUT per tone = −4 dBm
PAE
6.7
%
Measured at PSAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com