Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8102ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL8102ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8102ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADL8102ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
ADL8102
GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
Single positive supply (self biased)
Gain: 27 dB typical at 9 GHz to 19 GHz
OP1dB: 13.5 dB typical at 1 GHz to 9 GHz
OIP3: 25 dBm typical at 1 GHz to 9 GHz
Noise figure: 2.5 dB typical at 9 GHz to 19 GHz
RoHS-compliant, 3 mm × 3 mm, 16-lead LFCSP
APPLICATIONS
Telecommunications
Satellite communications
Military radar
Weather radar
Civil radar
Electronic warfare
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADL8102 is a gallium arsenide (GaAs), monolithic microwave
integrated circuit (MMIC), pseudomorphic high electron mobility
transistor (pHEMT), low noise wideband amplifier that operates
from 1 GHz to 22 GHz.
The ADL8102 provides a typical gain of 27 dB at 9 GHz to 19 GHz,
a 2.5 dB typical noise figure from 9 GHz to 19 GHz, a typical output
third-order intercept (OIP3) of 25 dBm at 1 GHz to 9 GHz, and a
saturated output power (PSAT) of up to 15.5 dBm, which requires
only 110 mA from a 5 V supply voltage. The ADL8102 also features
inputs and outputs that are internally matched to 50 Ω. The RFIN
and RFOUT pins are internally AC-coupled, and the bias inductor is
also integrated, which makes it ideal for surface-mounted technolo-
gy (SMT)-based, high capacity microwave radio applications.
The ADL8102 is housed in an RoHS-compliant, 3 mm × 3 mm,
16-lead LFCSP package.


Similar Part No. - ADL8102ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVAL1Z AD-ADL8100-EVAL1Z Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100-EVALZ AD-ADL8100-EVALZ Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN AD-ADL8100ACPZN Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8100ACPZN-R7 AD-ADL8100ACPZN-R7 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results

Similar Description - ADL8102ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL9006 AD-ADL9006 Datasheet
397Kb / 14P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC Low Noise Amplifier
8/2020-Revision 0
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
1/2021-Revision 0
HMC1040CHIPS AD-HMC1040CHIPS Datasheet
349Kb / 14P
20 GHz to 44 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
4/2018-Revision 0
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
1/2022-Revision 0
ADL8121 AD-ADL8121 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
Rev. 0
ADL8142 AD-ADL8142 Datasheet
1Mb / 20P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
ADL8141 AD-ADL8141 Datasheet
1Mb / 22P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 14 GHz to 24 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com