Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8102ACPZN-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL8102ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8102ACPZN-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL8102ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Data Sheet
ADL8102
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 6 of 23
Figure 2. Pin Configuration
Table 8. Pin Function Descriptions
Pin Number
Mnemonic
Description
1, 3, 7, 9, 11, 14
GND
Ground. Connect to a ground plane, which has low electrical and thermal impedance. For the interface schematic, see Figure 6.
2
RFIN
RF Input. The RFIN pin is AC-coupled and matched to 50 Ω. For the interface schematic, see Figure 5.
4, 5, 8, 12, 15, 16
NIC
No Internal Connection. This pin is not connected internally. For normal operation, this pin must be connected to ground.
6
RBIAS
Bias Setting Resistor. Connect a resistor between RBIAS and VDD to set IDQ. For more details, see Table 1 and Figure 75. For the
interface schematic, see Figure 3.
10
RFOUT
RF Output. The RFOUT pin is AC-coupled and matched to 50 Ω. For the interface schematic, see Figure 4.
13
VDD
Drain Bias. Connect this pin to the supply voltage. For the interface schematic, see Figure 4.
GROUND
PADDLE
Ground Paddle. Connect the exposed ground paddle to a ground plane, which has low electrical and thermal impedance.
INTERFACE SCHEMATICS
Figure 3. RBIAS Interface Schematic
Figure 4. VDD and RFOUT Interface Schematic
Figure 5. RFIN Interface Schematic
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com