Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8102ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL8102ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 1 GHz to 22 GHz
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8102ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL8102ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL8102ACPZN-R7 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet
ADL8102
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 21 of 23
Figure 76 shows a recommended power management circuit for the
ADL8102. The LT8607 step-down regulator is used to step down a
12 V rail to 6.5 V, which is then applied to the LT3042 low dropout
(LDO) linear regulator to generate a low noise 5 V output. While the
circuit shown in Figure 76 has an input voltage of 12 V, the input
range to the LT8607 can be as high as 42 V.
The 6.54 V regulator output of the LT8607 is set by the R2 and R3
resistors according to the following equation:
R2=R3 VOUT/
0.778  V −1
(1)
The switching frequency is set to 2 MHz by the 18.2 kΩ resistor
on the RT pin. The LT8607 data sheet provides a table of resistor
values that can be used to select other switching frequencies
ranging from 0.2 MHz to 2.200 MHz.
The output voltage of the LT3042 is set by the R4 resistor connect-
ed to the SET pin according to the following equation:
VOUT=
100 μA×R4
(2)
Choose PGFB resistors to trigger the power-good (PG) signal when
the output is just under 95% of the target voltage of 5 V. The
output of the LT3042 has 1% initial tolerance and another 1%
variation over temperature. The PGFB tolerance is roughly 3%
over temperature, and adding resistors results in a bit more (5%),
therefore, putting 5% between the output and PGFB works well. In
addition, the PG open-collector is pulled up to the 5 V output to
give a convenient 0 V to 5 V voltage range. Table 10 provides the
recommended resistor values for operation at 5 V, 3.3 V, and 3 V.
Table 10. Recommended Resistor Values for Operating at 5 V, 3.3 V, and 3 V
LDO Output Voltage (V)
R4 (kΩ)
R7 (kΩ)
R8 (kΩ)
5
49.9
442
30.1
3.3
33.2
287
30.1
3
30.1
255
30.1
The LT8607 can source a maximum current of 750 mA, and the
LT3042 can source a maximum current of 200 mA. If the 5 V power
supply voltage is being developed as a bus supply to serve another
component, higher current devices can be used. The LT8608 and
LT8609 step-down regulators can source a maximum current to 1.5
A and 3 A, respectively, and these devices are pin-compatible with
the LT8607. The LT3045 linear regulator, which is pin-compatible
with the LT3042, can source a maximum current to 500 mA.
Figure 76. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com