Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17072 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 35Page - Renesas Technology Corp UPD17072 Datasheet HTML 36Page - Renesas Technology Corp UPD17072 Datasheet HTML 37Page - Renesas Technology Corp UPD17072 Datasheet HTML 38Page - Renesas Technology Corp UPD17072 Datasheet HTML 39Page - Renesas Technology Corp UPD17072 Datasheet HTML 40Page - Renesas Technology Corp UPD17072 Datasheet HTML 41Page - Renesas Technology Corp UPD17072 Datasheet HTML 42Page - Renesas Technology Corp UPD17072 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 228 page
background image
37
µPD17072,17073
5.4.2 Functions of program status word
The program status word sets conditions, under which the ALU (Arithmetic Logic Unit) performs arithmetic or
transfer operations, and indicates the results of the operations.
Table 5-2 outlines the function of each flag of the program status word.
For details, refer to 7. ALU (Arithmetic Logic Unit) BLOCK.
Table 5-2. Functional Outline of Each Flag of Program Status Word
Flag name
Function
Zero flag (Z)
Carry flag (CY)
Compare flag (CMP)
BCD flag (BCD)
5.4.3 Notes on using program status word
When an arithmetic operation (addition or subtraction) instruction is executed to the program status word, the result
of the arithmetic operation is stored in the program status word.
Even if an operation that generates a carry has been executed, for example, if the result of the operation is 0000B,
0000B is stored in PSW.
5.5 Notes on Using System Register
The data in the system register which are fixed to “0” are not influenced even when a write instruction is executed.
When these data are read, “0” is always read.
Indicates that the result of arithmetic operation is 0. Con-
dition under which this flag is set differs depending on
contents of compare flag.
Indicates occurrence of carry or borrow as a result of
executing addition or subtraction instruction.
Reset (0) when carry or borrow does not occur. Set (1) when
carry or borrow occurs. Also used as shift bit of "RORC r"
instruction.
Stores or does not store result of arithmetic operation in
data memory or general register.
0: Stores result
1: Does not store result
Executes arithmetic operation in decimal.
0: Executes binary operation
1: Executes decimal operation
(RP)
Program status
word (PSWORD)
RPL
PSW
B
C
D
C
M
P
C
Y
Z0
b3
b2
b1
b0
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com