Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17072 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 78Page - Renesas Technology Corp UPD17072 Datasheet HTML 79Page - Renesas Technology Corp UPD17072 Datasheet HTML 80Page - Renesas Technology Corp UPD17072 Datasheet HTML 81Page - Renesas Technology Corp UPD17072 Datasheet HTML 82Page - Renesas Technology Corp UPD17072 Datasheet HTML 83Page - Renesas Technology Corp UPD17072 Datasheet HTML 84Page - Renesas Technology Corp UPD17072 Datasheet HTML 85Page - Renesas Technology Corp UPD17072 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 228 page
background image
µPD17072,17073
80
Figure 11-10. Configuration of Interrupt Edge Select Register
Note
For the function of the BTM1CK flag, refer to 12.3.1 Outline of basic timer 1.
Note that as soon as the interrupt request issuing edge is changed by the IEG flag, the interrupt request signal
may be issued.
Suppose that the IEG flag is set to “1” (specifying the falling edge) and that a high level is input to the INT pin, as
shown in Table 11-2. If the IEG flag is cleared at this time, the edge detector circuit judges that a rising edge has
been input, and issues an interrupt request.
Flag symbol
b3
0
b2
I
N
T
b1
B
T
M
1
C
K
b0
I
E
G
Name
Address
(BANK1)
56H
Read/
Write
R/W
Sets input edge to issue interrupt request of INT pin
Rising edge
Falling edge
0
1
Sets time interval at which IRQBTM1 flag is setNote
32 ms (31.25 Hz)
8 ms (125 Hz)
0
1
Detects status of INT pin
Low level is input to INT pin
High level is input to INT pin
0
1
Fixed to “0”
Power-ON
Clock stop
CE
0
0
0
0
0
0
0
0
0
0
Interrupt edge select
register
At
reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com