Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17072 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 19Page - Renesas Technology Corp UPD17072 Datasheet HTML 20Page - Renesas Technology Corp UPD17072 Datasheet HTML 21Page - Renesas Technology Corp UPD17072 Datasheet HTML 22Page - Renesas Technology Corp UPD17072 Datasheet HTML 23Page - Renesas Technology Corp UPD17072 Datasheet HTML 24Page - Renesas Technology Corp UPD17072 Datasheet HTML 25Page - Renesas Technology Corp UPD17072 Datasheet HTML 26Page - Renesas Technology Corp UPD17072 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 228 page
background image
21
µPD17072,17073
2.2 Program Memory
Figure 2-2 shows the configuration of the program memory.
As shown in this figure, the program memory is configured as follows:
µPD17072: 3072 × 16 bits (0000H-0BFFH)
µPD17073: 4096 × 16 bits (0000H-0FFFH)
Therefore, the addresses of the program memory range from 0000H to 0FFFH.
All the “instructions” are “one-word instructions” each of which is 16 bits long. Consequently, one instruction can
be stored in one address of the program memory.
As constant data, the contents of the program memory are read to the data buffer by using a table reference
instruction.
Figure 2-2. Configuration of Program Memory
Caution With the
µPD17072, the range of addresses that can be called by each instruction is 0000H to
0BFFH. The area from addresses 0C00H through 0FFFH is an undefined area.
2.3 Program Counter
Figure 2-3 shows the configuration of the program counter.
The program counter specifies an address of the program memory.
As shown in this figure, the program counter is a 12-bit binary counter. The most significant bit b11 indicates a
page.
Figure 2-3. Configuration of Program Counter
PC11
PC10
PC9
PC8
PC7
PC6
Page
PC
PC5
PC4
PC3
PC2
PC1
PC0
Reset start address
Serial interface interrupt vector
Basic timer 1 interrupt vector
INT pin interrupt vector
(with PD17072)
(with PD17073)
16 bits
Page 0
CALL addr
instruction
subroutine
entry address
Page 1
BR addr
instruction
branch address
BR @AR
instruction
branch address
CALL @AR
instruction
subroutine entry
address
MOVT DBF @AR
instruction table
reference address
H
H
H
H
H
H
H
0
1
2
3
F
F
F
0
0
0
0
F
F
F
0
0
0
0
7
B
F
0
0
0
0
0
0
0
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com