Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD17072 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD17072
Description  MOS INTEGRATED CIRCUIT
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17072 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD17072 Datasheet HTML 17Page - Renesas Technology Corp UPD17072 Datasheet HTML 18Page - Renesas Technology Corp UPD17072 Datasheet HTML 19Page - Renesas Technology Corp UPD17072 Datasheet HTML 20Page - Renesas Technology Corp UPD17072 Datasheet HTML 21Page - Renesas Technology Corp UPD17072 Datasheet HTML 22Page - Renesas Technology Corp UPD17072 Datasheet HTML 23Page - Renesas Technology Corp UPD17072 Datasheet HTML 24Page - Renesas Technology Corp UPD17072 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 228 page
background image
19
µPD17072,17073
1.4 Notes on Using CE Pin
The CE pin has a function to set a test mode in which the internal operations of the
µPD17073 are tested (dedicated
to IC test), in addition to the functions listed in 1.1 Pin Function List.
When a voltage higher than VDD is applied to the CE pin, the test mode is set. This means that if noise exceeding
VDD is applied to the CE pin even during normal operation, the test mode is set, affecting the normal operation.
If the wiring of the CE pin is too long, the above problem occurs because wiring noise is superimposed on the CE
pin.
Therefore, wire the CE pin with as short a wiring length as possible to suppress noise. If noise cannot be avoided,
use external components as shown below to suppress noise.
• Connect a diode with low VF between CE and VDD
• Connect a capacitor between CE and VDD
VDD
CE
VDD
Diode with
low VF
VDD
CE
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com