Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS300
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 4Page - Microchip Technology HCS300 Datasheet HTML 5Page - Microchip Technology HCS300 Datasheet HTML 6Page - Microchip Technology HCS300 Datasheet HTML 7Page - Microchip Technology HCS300 Datasheet HTML 8Page - Microchip Technology HCS300 Datasheet HTML 9Page - Microchip Technology HCS300 Datasheet HTML 10Page - Microchip Technology HCS300 Datasheet HTML 11Page - Microchip Technology HCS300 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HCSXXX
DS41256A-page 8
Preliminary
 2004 Microchip Technology Inc.
TABLE 2-8:
HCS362 18 X 16-BIT EEPROM MEMORY MAP
TABLE 2-9:
HCS500 9 X 8-BIT EEPROM MEMORY MAP
TABLE 2-10:
HCS512 10 X 8-BIT EEPROM MEMORY MAP
Word Address
Mnemonic
Description
0x00
KEY1_0
Word 0 (LSb's) of 64-bit crypt key 1
0x01
KEY1_1
Word 1 of 64-bit crypt key 1
0x02
KEY1_2
Word 2 of 64-bit crypt key 1
0x03
KEY1_3
Word 3 (MSb's) of 64-bit crypt key 1
0x04
KEY2_0
Word 0 (LSb's) of 64-bit crypt key 2
0x05
KEY2_1
Word 1 of 64-bit crypt key 2
0x06
KEY2_2
Word 2 of 64-bit crypt key 2
0x07
KEY2_3
Word 3 (MSb's) of 64-bit crypt key 2
0x08
SEED_0
Word 0 (LSb's) of 64-bit seed value
0x09
SEED_1
Word 1 of 64-bit seed value
0x0A
SEED_2
Word 2 of 64-bit seed value
0x0B
SEED_3
Word 3 (MSb's) of 64-bit seed value
0x0C
CONFIG_0
Configuration Word (LSb's)
0x0D
CONFIG_1
Configuration Word (MSb's)
0x0E
SERIAL_0
Word 0 (LSb's) of 32-bit serial number
0x0F
SERIAL_0
Word 1 (MSb's) of 32-bit serial number
0x10
SYNC
16-bit synchronization value
0x11
Reserved
Set to 0x0000
Word Address
Mnemonic
Description
0x00
CONFIG
Configuration Word
0x01
KEY0
Byte 0 (LSb’s) of 64-bit manufacturer key
0x02
KEY1
Byte 1 of 64-bit manufacturer key
0x03
KEY2
Byte 2 of 64-bit manufacturer key
0x04
KEY3
Byte 3 of 64-bit manufacturer key
0x05
KEY4
Byte 4 of 64-bit manufacturer key
0x06
KEY5
Byte 5 of 64-bit manufacturer key
0x07
KEY6
Byte 6 of 64-bit manufacturer key
0x08
KEY7
Byte 7 (MSb’s) of 64-bit manufacturer key
Word Address
Mnemonic
Description
0x00
KEY0
Byte 0 (LSb’s) of 64-bit manufacturer key
0x01
KEY1
Byte 1 of 64-bit manufacturer key
0x02
KEY2
Byte 2 of 64-bit manufacturer key
0x03
KEY3
Byte 3 of 64-bit manufacturer key
0x04
KEY4
Byte 4 of 64-bit manufacturer key
0x05
KEY5
Byte 5 of 64-bit manufacturer key
0x06
KEY6
Byte 6 of 64-bit manufacturer key
0x07
KEY7
Byte 7 (MSb’s) of 64-bit manufacturer key
0x08
CONFIG
Configuration byte
0x09
Checksum
Checksum byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com