Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 16 Page - Microchip Technology

Part # HCS300
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 12Page - Microchip Technology HCS300 Datasheet HTML 13Page - Microchip Technology HCS300 Datasheet HTML 14Page - Microchip Technology HCS300 Datasheet HTML 15Page - Microchip Technology HCS300 Datasheet HTML 16Page - Microchip Technology HCS300 Datasheet HTML 17Page - Microchip Technology HCS300 Datasheet HTML 18Page - Microchip Technology HCS300 Datasheet HTML 19Page - Microchip Technology HCS300 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
HCSXXX
DS41256A-page 16
Preliminary
 2004 Microchip Technology Inc.
4.1
Programming Flow Charts
FIGURE 4-4:
PROGRAMMING FLOW
CHART 1
FIGURE 4-5:
PROGRAMMING FLOW
CHART 2
Set VDD =
All Locations
No
Yes
Start
5.0V ± 10%
Send Start
Sequence
Device
Bulk Erase
Load 16-Bits
of Data
Wait TWC or
Poll Rising
Pulse
Programmed?
Begin Verify
Read 16-Bits
of Data
All Locations
Verified?
Program/Verify
Complete
No
Yes
Note:
Applies to HCS200, HCS201, HCS300,
HCS301, HCS320, HCS362, HCS410
and HCS412 only.
Set VDD =
All Locations
No
Yes
Start
5.0V ± 10%
Send Start
Sequence
Wait TWC or
Poll Calibration
Pulse
Programmed?
Begin Verify
Read 16-Bits
of Data
All Locations
Verified?
Program/Verify
Complete
No
Yes
Note:
Applies to HCS360 and HCS361 only.
If Data Bit 0 = 0
Then S1 = 0
Else S1 = 1
Load 16 Bits
of Data
(LSb first)
Complemented
Data
Load 16 Bits of
(LSb first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com