Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS300
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 14Page - Microchip Technology HCS300 Datasheet HTML 15Page - Microchip Technology HCS300 Datasheet HTML 16Page - Microchip Technology HCS300 Datasheet HTML 17Page - Microchip Technology HCS300 Datasheet HTML 18Page - Microchip Technology HCS300 Datasheet HTML 19Page - Microchip Technology HCS300 Datasheet HTML 20Page - Microchip Technology HCS300 Datasheet HTML 21Page - Microchip Technology HCS300 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
HCSXXX
DS41256A-page 18
Preliminary
 2004 Microchip Technology Inc.
5.0
PROGRAM/VERIFY MODE ELECTRICAL CHARACTERISTICS
5.1
Timing Requirements for Program/Verify Mode – Encoders
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise
stated)
Operating Temperature +25°C
± 5°C
Operating Voltage
4.5V
≤ VDD ≤ 5.5V
Sym
Characteristics
Min
Max
Units
Conditions/Comments
HCS200, HCS300, HCS301, HCS320 and HCS362
TCLKH
Clock high time
50
—
µs
TCLKL
Clock low time
50
—
µs
TDH
Data hold time
30
—
µs
TDS
Data setup time
0
—
µs
TDV
Data out valid time
—
30
µs
TPBW
Bulk Write time
4.0
—
ms
TPH1
Hold Time 1
3.5
—
ms
TPH2
Hold Time 2
50
—
µs
TPROG
Program delay time
4.0
—
ms
TPS
Program mode setup time
3.5
4.5
ms
TWC
Program cycle time
50
—
ms
HCS201
TACKH
Data out valid time
800
—
µs
TACKL
Data hold time
800
—
µs
TCLKH
Clock high time
50
—
µs
TCLKL
Clock low time
50
—
µs
TDH
Data hold time
18
—
µs
TDS
Data setup time
0
—
µs
TDV
Data out valid time
—
30
µs
TPBW
Bulk Write time
4.0
—
ms
TPH1
Hold Time 1
4.0
—
ms
TPH2
Hold Time 2
50
—
µs
TPHOLD
Hold time
100
—
µs
TPROG
Program delay time
4.0
—
ms
TPS
Program mode setup time
2.0
5.0
ms
TWC
Program cycle time
50
—
ms
HCS360, HCS361
T1
Hold Time 1
9.0
—
ms
T2
Program mode setup time
0
4.0
ms
TCLKH
Clock high time
50
—
µs
TCLKL
Clock low time
50
—
µs
TDH
Data hold time
30
—
µs
TDS
Data setup time
0
—
µs
TDV
Data out valid time
—
30
µs
TWC
Program cycle time
50
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com