Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS300 Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS300
Description  Memory Programming Specification
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS300 Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS300 Datasheet HTML 16Page - Microchip Technology HCS300 Datasheet HTML 17Page - Microchip Technology HCS300 Datasheet HTML 18Page - Microchip Technology HCS300 Datasheet HTML 19Page - Microchip Technology HCS300 Datasheet HTML 20Page - Microchip Technology HCS300 Datasheet HTML 21Page - Microchip Technology HCS300 Datasheet HTML 22Page - Microchip Technology HCS300 Datasheet HTML 23Page - Microchip Technology HCS300 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
HCSXXX
DS41256A-page 20
Preliminary
 2004 Microchip Technology Inc.
5.3
Timing Requirements for Program/Verify Mode – Decoders
AC/DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise
stated)
Operating Temperature +25°C
± 5°C
Operating Voltage
4.5V
≤ VDD ≤ 5.5V
Sym
Characteristics
Sugg.
Value
Min
Max
Units
Conditions/Comments
HCS500
FCLK
Clock frequency
—
500
25000
Hz
TACK
Decoder acknowledge time
—
30
µs
TADDR
Address validate time
—
—
10
µs
TCLKH
Clock high time
—
20
1000
µs
TCLKL
Clock low time
—
20
1000
µs
TCMD
Command validate time
—
—
10
µs
TDATA
Command last bit to data first bit
—
—
10
µs
TDS
Data hold time
—
14
—
µs
TREQ
Command request time
—
0.015
500
ms
TRESP
Acknowledge time
—
—
1
ms
TSTART
Command request to first command bit
—
20
1000
µs
HCS512
TACK
Acknowledge time
—
—
80
ms
FOSC = 4 MHZ
TACKH
Acknowledge duration
—
1
—
µsFOSC = 4 MHZ
TCLKH
Clock high time
—
0.05
320
µsFOSC = 4 MHZ
TCLKL
Clock low time
—
0.05
320
µsFOSC = 4 MHZ
TPH1
Hold Time 1
—
8
128
ms
FOSC = 4 MHZ
TPH2
Hold Time 2
—
0.05
320
µsFOSC = 4 MHZ
TPS
Program mode setup time
—
1
64
ms
FOSC = 4 MHZ
HCS515
TACK
Command acknowledge time
*
30
240
ms
TCLKH
Clock high time
100
20
1000
µs
TCLKL
Clock low time
100
20
1000
µs
TDATA
Command last bit to data first bit
100
10
1000
µs
TDS
Data hold time
50
14
1000
µs
TREQ
Command request time
*
0.005
500
ms
TRESP
Acknowledge time
100
10
1000
µs
TSTART
Command request to first command bit
100
20
1000
µs
TWTH
Acknowledge respond time
100
20
1000
µs
TWTL
Clock low to next command
100
10
—
µs
*
Depends on decoder status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com