Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 16Page - Renesas Technology Corp UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp UPD72012 Datasheet HTML 22Page - Renesas Technology Corp UPD72012 Datasheet HTML 23Page - Renesas Technology Corp UPD72012 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
18
Data Sheet S13918EJ3V0DS
µPD72012
(2/4)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
3
wHubCharacteristics
2
Uses a bitmap to show attributes of the
µPD72012.
The meaning of each bit is as follows.
Bits 1,0: Show the power switch switching attribute.
“0b00”: Enable all power switches at once.
This is the value for a standard ROM code
product (004).
If this value is set for a Mask ROM code
product, all of pins PP1 to PP5 operate at
once.
“0b01”: Enable power switches individually for
each port.
This is the value for a standard ROM code
product (003).
If this value is set for a Mask ROM code
product, pins PP1 to PP5 operate
individually.
“0b1X”: Reserved. Used only on 1.0 compliant
hubs that implement no power switching.
You can not use this setting for
µPD72012.
Bit 2:
Identifier of a compound device. Set this
to “0b0” when using the
µPD72012 as a
unit HUB and to “0b1” when using it as
compound devices.
“0b0”:
Shows that the
µPD72012 is standalone
HUB unit.
“0b1”:
Shows that
µPD72012 is a part of
compound devices.
Bits 4,3: Show the overcurrent protection switching
attribute.
“0b00”: Monitor overcurrent for all ports in a batch.
Since this is the value for a standard ROM
code product (004), a circuit that can
control all overcurrent protection functions
at once externally is needed.
If this value is set for a Mask ROM code
product, when one of the pins CS1 to CS5
detect overcurrent, Hub reports
overcurrent on per- hub basis.
0x0009
0x0000
0x00XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com