Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 17Page - Renesas Technology Corp UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp UPD72012 Datasheet HTML 22Page - Renesas Technology Corp UPD72012 Datasheet HTML 23Page - Renesas Technology Corp UPD72012 Datasheet HTML 24Page - Renesas Technology Corp UPD72012 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Data Sheet S13918EJ3V0DS
19
µPD72012
(3/4)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
3
wHubCharacteristics
2
“0b01”: Monitor overcurrent for each port
individually.
Since this is the setting for a standard
ROM code product (003), a circuit that can
individually control overcurrent protection
functions externally is needed.
If this value is set for a Mask ROM code
when one of the pins CS1 to CS5 detect
overcurrent, Hub reports overcurrent on
per- port basis.
“0b1X”: Shows that there is no overcurrent
protection function. This setting is allowed
only for bus-powered hubs that do not
implement over-current protection.
If this value is set for a Mask ROM code
product, clamp all of the pins CS1 to CS5
to 3.3 V.
Bits 15-5: These bits are reserved in the USB
standard for future extended functions.
For a Mask ROM code product, be sure to
set these bits to “0”.
Caution Be sure to set the values in bits 3 and 0
the same in Mask ROM code product
settings.
0x0009
0x0000
0x00XX
5
bPowerOn2PwrGood
1
Shows the time from detecting a device at a port and
starting the power-on sequence until the power
supply stabilizes.
Two milliseconds are taken as one unit. This is 100
ms for the
µPD72012.
0x32
0x32
0x32
6
bHubContrCurrent
1
Shows the maximum current consumption of the
HUB in mA. Note that this value does not show the
rated current consumption value for the
µPD72012
itself.
For a standard ROM code product, “0x50” is applied
for compatibility with the
µPD72011. This value can
be defined for a Mask ROM code product. However,
this value should not be less than the current
consumption value of the
µPD72012 that is
described in 3. ELECTRICAL SPECIFICATIONS.
0x50
0x50
0xXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com