Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD72012 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # UPD72012
Description  MOS INTEGRATED CIRCUIT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD72012 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button UPD72012 Datasheet HTML 18Page - Renesas Technology Corp UPD72012 Datasheet HTML 19Page - Renesas Technology Corp UPD72012 Datasheet HTML 20Page - Renesas Technology Corp UPD72012 Datasheet HTML 21Page - Renesas Technology Corp UPD72012 Datasheet HTML 22Page - Renesas Technology Corp UPD72012 Datasheet HTML 23Page - Renesas Technology Corp UPD72012 Datasheet HTML 24Page - Renesas Technology Corp UPD72012 Datasheet HTML 25Page - Renesas Technology Corp UPD72012 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
20
Data Sheet S13918EJ3V0DS
µPD72012
(4/4)
Value
Standard ROM code
product
No.
Field
Size
(Bytes)
Contents
003
004
Mask
ROM code
product
7
bDeviceRemovable
1
Uses a bitmap to show whether or not removable
devices are connected to HUB ports.
“1” shows that the connected device is non-
removable, and “0” shows that it is removable. Set
“1” if a port that is used cannot be connected nor
disconnected using an external circuit.
Note that, if a non-removable device is connected to
a downstream port of the HUB, bit 2 of
wHubCharacteristics field should be set to “1”.
When the number of ports that can be port enabled
is limited by the PVSEL pin setting or Mask ROM
code product settings, set “0” for all ports that are
not port enabled. The meaning of the bitmap is as
follows.
Bit 0:
Always set to “0”.
Bit 1:
If “1”, the device connected to port 1 is
non-removable.
Bit 2:
If “1”, the device connected to port 2 is
non-removable.
Bit 3:
If “1”, the device connected to port 3 is
non-removable.
Bit 4:
If “1”, the device connected to port 4 is
non-removable.
Bit 5:
If “1”, the device connected to port 5 is
non-removable.
Bits 7,6: Always set to “0”.
For a standard ROM code product (003, 004), all
ports are removable.
0x00
0x00
0xXX
8
bPortPwrCtrlMask
1
This field exists for reasons of compatibility with
software written for 1.0 compliant devices. All bits in
this field should be set to 1B.
0xFF
0xFF
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com