Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRM Datasheet(PDF) 5 Page - Analog Devices

Part # ADG736LBRM
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRM Datasheet(HTML) 5 Page - Analog Devices

  ADG736LBRM Datasheet HTML 1Page - Analog Devices ADG736LBRM Datasheet HTML 2Page - Analog Devices ADG736LBRM Datasheet HTML 3Page - Analog Devices ADG736LBRM Datasheet HTML 4Page - Analog Devices ADG736LBRM Datasheet HTML 5Page - Analog Devices ADG736LBRM Datasheet HTML 6Page - Analog Devices ADG736LBRM Datasheet HTML 7Page - Analog Devices ADG736LBRM Datasheet HTML 8Page - Analog Devices ADG736LBRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG736L
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +6 V
Analog, Digital Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Continuous Current, S or D
30 mA
Peak Current, S or D
100 mA (Pulsed at 1 ms,
10% duty cycle maximum)
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
MSOP Package, Power Dissipation
315 mW
θJA Thermal Impedance
205°C/W
Lead Temperature (Soldering,
10 sec)
300°C
IR Reflow (Peak Temperature,
<20 sec)
235°C
Lead-Free Reflow
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
ESD
2 kV
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any one time.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com