Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRM Datasheet(PDF) 9 Page - Analog Devices

Part # ADG736LBRM
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRM Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG736LBRM Datasheet HTML 4Page - Analog Devices ADG736LBRM Datasheet HTML 5Page - Analog Devices ADG736LBRM Datasheet HTML 6Page - Analog Devices ADG736LBRM Datasheet HTML 7Page - Analog Devices ADG736LBRM Datasheet HTML 8Page - Analog Devices ADG736LBRM Datasheet HTML 9Page - Analog Devices ADG736LBRM Datasheet HTML 10Page - Analog Devices ADG736LBRM Datasheet HTML 11Page - Analog Devices ADG736LBRM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG736L
Rev. 0 | Page 9 of 12
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
Figure 10. On Resistance
SD
VS
VD
IS (OFF)
A
Figure 11. Off Leakage
SD
VD
ID (ON)
A
NC
Figure 12. On Leakage
0.1
μF
IN
SD
VDD
RL
300
Ω
CL
35pF
VOUT
VDD
GND
VS
50%
50%
90%
90%
tON
tOFF
VOUT
VIN
VS
Figure 13. Switching Times
0.1
μF
SA
D
VDD
RL
300
Ω
CL
35pF
VOUT
VDD
GND
VS
SB
VIN
50%
50%
50%
0V
0V
50%
90%
tD
tD
VOUT
VS
VIN
Figure 14. Break-Before-Make Time Delay, tD
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SA
SB
D
GND
Figure 15. Off Isolation
VDD
0.1
μF
VDD
GND
CHANNEL-TO-CHANNEL CROSSTALK = 20
× LOG |V
S/VOUT|
50
Ω
VIN1
VS
SD
VIN2
VOUT
SD
NC
RL
50
Ω
Figure 16. Channel-to-Channel Crosstalk
VDD
RL
50
Ω
0.1
μF
VOUT
VIN
VS
VDD
IN
SD
GND
Figure 17. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com