Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRM Datasheet(PDF) 7 Page - Analog Devices

Part # ADG736LBRM
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRM Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG736LBRM Datasheet HTML 3Page - Analog Devices ADG736LBRM Datasheet HTML 4Page - Analog Devices ADG736LBRM Datasheet HTML 5Page - Analog Devices ADG736LBRM Datasheet HTML 6Page - Analog Devices ADG736LBRM Datasheet HTML 7Page - Analog Devices ADG736LBRM Datasheet HTML 8Page - Analog Devices ADG736LBRM Datasheet HTML 9Page - Analog Devices ADG736LBRM Datasheet HTML 10Page - Analog Devices ADG736LBRM Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG736L
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
TA = 25°C
VDD = 2.7V
VDD = 3.0V
VDD = 5.0V
VDD = 4.5V
Figure 3. On Resistance as a Function of VD (VS) Single Supplies
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 3V
+85
°C
+25
°C
–40
°C
Figure 4. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 3 V
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VD OR VS (DRAIN OR SOURCE VOLTAGE (V))
VDD = 5V
+85
°C
+25
°C
–40
°C
Figure 5. On Resistance as a Function of VD (VS) for Different Temperatures
VDD = 5 V
10m
1m
100
μ
10
μ
1
μ
100n
10n
1n
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
Figure 6. Supply Current vs. Input Switching Frequency
0
–8
–4
–2
10k
100M
1M
10M
100k
FREQUENCY (Hz)
VDD = 5V
TA = 25°C
Figure 7. Bandwidth
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
10k
100M
1M
10M
100k
FREQUENCY (Hz)
VDD = 5V, 3V
TA = 25°C
Figure 8. Off Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com