Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRM Datasheet (PDF) - Analog Devices

ADG736LBRM Datasheet PDF - Analog Devices
Part # ADG736LBRM
Download  ADG736LBRM Download
File Size   269.13 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2.5 OHM Dual SPDT Switch

ADG736LBRM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG736LBRM Datasheet PDF - Analog Devices

Part # ADG736LBRM
Download  ADG736LBRM Click to download

File Size   269.13 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS Low Voltage 2.5 OHM Dual SPDT Switch

ADG736LBRM Datasheet (HTML) - Analog Devices


ADG736LBRM Product details

GENERAL DESCRIPTION

The ADG736L is a monolithic device comprising two independ ently selectable CMOS single pole, double throw (SPDT) switches. The switches are designed using a submicron process that provides low power dissipation, yet gives high switching speed, low on resistance, low leakage currents, and wide input signal bandwidth.



FEATURES

1.8 V to 5.5 V single supply

2.5 Ω (typical) on resistance

Low on-resistance flatness

Guaranteed leakage performance over −40°C to +85°C

−3 dB bandwidth > 200 MHz

Rail-to-rail operation

10-lead MSOP package

Fast switching times

tON 16 ns

tOFF 8 ns

Typical power consumption (<0.01 μW)

TTL/CMOS compatible



APPLICATIONS

USB 1.1 signal switching circuits

Cell phones

PDAs

Battery-powered systems

Communication systems

Sample-and-hold systems

Audio signal routing

Audio and video switching

Mechanical reed relay replacement



 




Similar Part No. - ADG736LBRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
CMOS Low Voltage
REV. 0
More results


Similar Description - ADG736LBRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
ADG733 AD-ADG733 Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG736 AD-ADG736 Datasheet
99Kb / 8P
CMOS Low Voltage 4 ohm Dual SPDT Switch
REV.0
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Analog Devices
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
0.5(OHM) Low-Voltage Dual SPDT Analog Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com