Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology LTC6103 Datasheet HTML 13Page - Linear Technology LTC6103 Datasheet HTML 14Page - Linear Technology LTC6103 Datasheet HTML 15Page - Linear Technology LTC6103 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC6103
13
6103f
APPLICATIONS INFORMATION
Voltage Translator
Each amplifier of the LTC6103 can be used as a high volt-
age level translator circuit as shown in Figure 7. In this
application, the LTC6103 translates a differential voltage
signal riding on top of a high common mode voltage. VIN
signals get converted to a current, through RIN, and then
scaled down to a ground referenced voltage across ROUT.
Since the VSUPPLY must be at least 4V and the maximum
input voltage is 70V, this circuit can translate differential
signals with up to 66V of variation in VTRANSLATE.
With the dual LTC6103, half of the device can be used
to monitor a high side referenced signal and the other
amplifier can be used for current sensing.
Output Connection Methods
The outputs of the LTC6103 are current sources and may
be connected to subsequent circuitry in several ways.
As a dual current sense part, each output can be used
independently and in differing ways if desired.
For applications where the destination is local to the
device, ROUT resistors may be co-located with the part to
form voltage sources. It is also possible to remotely locate
the ROUT resistors so that the current generated output
voltage drop is developed against a different ground refer-
ence point than the LTC6103 V–, such as at an ADC within
another assembly. This method provides the elimination
of ground drop errors from effecting the measurement.
Ground differentials that are small enough to prevent
conduction of the output protection zener (>8V positive
or a couple hundred mV negative) can be rejected without
affecting linearity.
In the Typical Application, “±10A Differential Output Bidi-
rectional Monitor,” the outputs are kept separate, but are
treated as a differential pair. This connection allows placing
ROUT resistors local to the LTC6103, and yet ground drop
errors are rejected a the destination circuit as common
mode voltage shift, not signal error. This connection is
also shown in the application, ±10A Bidirectional H-Bridge
Monitor.
The outputs can also be tied together to drive a single
ROUT as in the Typical Application, 5A Absolute Value
Bidirectional Monitor, producing an additive function. In
that particular circuit the two inputs are wired oppositely
form the same sense resistor, so the resulting output is
an absolute value signal.
+
–
VS
1/2
LTC6103
RIN
VIN +
–
ROUT
VOUT
6103 F07
VTRANSLATE
Figure 7. Operation as Voltage Translator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com