Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology LTC6103 Datasheet HTML 11Page - Linear Technology LTC6103 Datasheet HTML 12Page - Linear Technology LTC6103 Datasheet HTML 13Page - Linear Technology LTC6103 Datasheet HTML 14Page - Linear Technology LTC6103 Datasheet HTML 15Page - Linear Technology LTC6103 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC6103
14
6103f
TYPICAL APPLICATIONS
Intelligent High Side Switch with Current Monitor
48V Supply Current Monitor with Isolated Output
and 70V Survivability
±10A Differential Output Bidirectional Current Monitor
+
200
Ω
VBATT
6103 TA02
DIFFERENTIAL OUTPUT*
±2.5V FS (+ IS CHARGE CURRENT)
OUTPUT SWING MAY BE LIMITED FOR
VBATT BELOW 6V
+
–
200
Ω
4.99k
4V < VBATT < 60V
+OUTPUT MAY BE TAKEN SINGLE ENDED
AS CHARGE CURRENT MONITOR
–OUTPUT MAY BE TAKEN SINGLE ENDED
AS DISCHARGE CURRENT MONITOR
*
CHARGER
LOAD
10m
Ω
+
–
+
–
8
7
6
5
2
4
1
+INA
OUTA
OUTB
VSB
VSA
LTC6103
–INA
–INB
+INB
V–
4.99k
5A Absolute Value Bidirectional Current Monitor
6103 TA06
FAULT
OFF ON
15
4.99k
VO
RS
3
4
47k
2
8
6
100
Ω
1%
10
µF
63V
1
µF
14V
VLOGIC
SUB85N06-5
VO = 49.9 • RS • IL
FOR RS = 5mΩ,
VO = 2.5V AT IL = 10A (FULL SCALE)
LT1910
1/2
LTC6103
IL
V–
OUT
–IN
+IN
LOAD
6103 TA07
1/2
LTC6103
RIN
V–
VSENSE
RSENSE
ISENSE
LOAD
VOUT = VLOGIC – ISENSE •
• N • ROUT
RSENSE
RIN
N = OPTOISOLATOR CURRENT GAIN
VS
ANY OPTOISOLATOR
ROUT
VOUT
VLOGIC
V+
V–
OUT
–IN
+IN
+
+
–
–
+
20m
Ω
VBATT
6103 TA03
200
Ω
200
Ω
4.99k
VOUT
2.5V FS
CHARGER
LOAD
+
–
+
–
8
7
6
5
2
4
1
+INA
OUTA
OUTB
VSB
VSA
LTC6103
–INA
–INB
+INB
V–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com