Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology LTC6103 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6103
6
6103f
BLOCK DIAGRAM
PIN FUNCTIONS
OUTA (Pin 1): Current Output of Amplifier A. OUTA will
source a current that is proportional to the sense voltage
of amplifier A into an external resistor.
OUTB (Pin 2): Current Output of Amplifier B. OUTB will
source a current that is proportional to the sense voltage
of amplifier B into an external resistor.
NC (Pin 3): No Connect.
V– (Pin 4): Negative Supply (or Ground for Single Supply
Operation). Common to both amplifiers.
+INB/VSB (Pin 5): The Positive Input of the Internal Sense
Amplifier B. Must be tied to the system load end of the
sense resistor. It also works as the positive supply for
amplifier B. Supply current of amplifier B is drawn through
this pin. The LTC6103 supply current is monitored along
with the system load current.
–INB (Pin 6): The Negative Input of the Internal Sense
Amplifier B. The internal sense amplifier will drive –INB
to the same potential as +INB. A resistor (RIN) tied from
VB
+ to –INB sets the output current IOUT = VSENSE/ RIN.
VSENSE is the voltage developed across the external RSENSE
(Figure 1).
–INA (Pin 7): The Negative Input of the Internal Sense
Amplifier A. The internal sense amplifier will drive –INA
to the same potential as +INA. A resistor (RIN) tied from
VA
+ to –INA sets the output current IOUT = VSENSE/ RIN.
VSENSE is the voltage developed across the external RSENSE
(Figure 1).
+INA/VSA (Pin 8): The Positive Input of the Internal Sense
Amplifier A. Must be tied to the system load end of the
sense resistor. It also works as the positive supply for
amplifier A. Supply current of amplifier A is drawn through
this pin. The LTC6103 supply current is monitored along
with the system load current.
Figure 1. LTC6103 Block Diagram and Typical Connection
+
–
+
–
8
7
6
5
2
4
1
+INA
OUTA
OUTB
6103 F01
VSB
VSA
ISA
ISB
IOUT
IOUT
–INA
–INB
RIN
5k 5k
5k 5k
RIN
RSENSE
RSENSE
VSENSE
+–
VSENSE
+
–
VA
+
VB
+
+INB
V–
10V
10V
ROUT
ROUT
LOAD
LOAD
ILOAD
ILOAD
ROUT
RIN
VOUT = VSENSE •



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com