Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6103 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 2 Page - Linear Technology

  LTC6103 Datasheet HTML 1Page - Linear Technology LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6103
2
6103f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (+INA/+INB to V–) ....................70V
Maximum Applied Output Voltage (OUTA/OUTB)........9V
Input Current........................................................±10mA
Output Short-Circuit Duration (to V–)............... Indefinite
Operating Temperature Range
LTC6103C ............................................ –40°C to 85°C
LTC6103I ............................................. –40°C to 85°C
LTC6103H .......................................... –40°C to 125°C
Specified Temperature Range (Note 2)
LTC6103C ................................................ 0°C to 70°C
LTC6103I ............................................. –40°C to 85°C
LTC6103H .......................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
+INA(VSA)/
+INB(VSB)
Supply Voltage Range
●
460
V
VOS
Input Offset Voltage
VSENSE = 5mV, LTC6103
VSENSE = 5mV, LTC6103C, LTC6103I
VSENSE = 5mV, LTC6103H
●
●
±85
±450
±600
±700
µV
µV
µV
ΔVOS/ΔT
Input Offset Voltage Drift
VSENSE = 5mV
●
±1.5
µV/°C
IB
Input Bias Current
RIN = 1M to –INA and –INB
●
100
170
245
nA
nA
PSRR
Power Supply Rejection Ratio
+INA/+INB = 6V to 60V, VSENSE = 5mV
●
110
106
120
dB
dB
+INA/+INB = 4V to 60V, VSENSE = 5mV
●
105
98
115
dB
dB
VOUT(MAX)
Maximum Output Voltage
12V ≤ +INA/+INB ≤ 60V, VSENSE = 88mV, ROUT = 10k
+INA/+INB = 6V, VSENSE = 66mV, ROUT = 5k
+INA/+INB = 4V, VSENSE = 55mV, ROUT = 2k
●
●
●
8
3
1
V
V
V
VOUT(O)
Minimum Output Voltage
(Note 3)
VSENSE = 0V, LTC6103
VSENSE = 0V, LTC6103C, LTC6103I
VSENSE = 0V, LTC6103H
●
●
022.5
30
35
mV
mV
mV
IOUT(MAX)
Maximum Output Current
6V ≤ +INA/+INB ≤ 60V, VSENSE = 110mV, ROUT = 2k
+INA/+INB = 4V, VSENSE = 55mV, ROUT = 2k, Gain = 20
●
●
1
0.5
mA
mA
tr
Input Step Response
(to 50% of Output Step)
ΔVSENSE = 100mV Step, 6V ≤ +INA/+INB ≤ 60V
+INA/+INB = 4V (1V Output Step), ROUT = 1k
1
1.5
µs
µs
BW
Signal Bandwidth
IOUT = 200µA, RIN = 100Ω, ROUT = 5k
IOUT = 1mA, RIN = 100Ω, ROUT = 5k
120
140
kHz
kHz
1
2
3
4
OUTA
OUTB
NC
V –
8
7
6
5
+INA
–INA
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 300°C/W
ORDER PART NUMBER
MS8 PART MARKING*
LTC6103CMS8
LTC6103IMS8
LTC6103HMS8
LTCMN
LTCMN
LTCMN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grade is identified by a label on the shipping container.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. RIN = 100Ω, ROUT = 5k, 4V ≤ +INA/+INB ≤ 60V, V
– = 0V unless otherwise
noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com