Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 125Page - STMicroelectronics ST7L15 Datasheet HTML 126Page - STMicroelectronics ST7L15 Datasheet HTML 127Page - STMicroelectronics ST7L15 Datasheet HTML 128Page - STMicroelectronics ST7L15 Datasheet HTML 129Page - STMicroelectronics ST7L15 Datasheet HTML 130Page - STMicroelectronics ST7L15 Datasheet HTML 131Page - STMicroelectronics ST7L15 Datasheet HTML 132Page - STMicroelectronics ST7L15 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 138 page
background image
ST7L15, ST7L19
129/138
OPTION BYTES (cont’d)
15.1.2 ROM Option Bytes
The 2 option bytes allow the hardware configura-
tion of the microcontroller to be selected.
OPTION BYTE 0
OPT7 = AWUCK Auto Wake Up Clock Selection
0: 32 kHz oscillator (VLP) selected as AWU clock
1: AWU RC oscillator selected as AWU clock.
Note: If this bit is reset, internal RC oscillator must
be selected (Option OSC = 0).
OPT6:4 = OSCRANGE[2:0] Oscillator Range
When the internal RC oscillator is not selected
(Option OSC = 1), these option bits select the
range of the resonator oscillator current source or
the external clock source.
Note: OSCRANGE[2:0] has no effect when
AWUCK option is set to 0. In this case, the VLP os-
cillator range is automatically selected as AWU
clock.
OPT 3:2 = Reserved (must be set to 1:1)
OPT1 = ROP_R Readout protection for ROM
This option is for read protection of ROM
0: Readout protection off
1: Readout protection on
OPT 0 = ROP_D Readout protection for Data
EEPROM
This option is for read protection of EEPROM
memory.
0: Readout protection off
1: Readout protection on
OPTION BYTE 1
OPT 7 = Reserved (must be set to 1)
OPT 6 = PLLOFF PLL Disable
This option bit enables or disables the PLL.
0: PLL enabled
1: PLL disabled (bypassed)
OPT 5 = Reserved (must be set to 0)
OPT 4 = OSC RC Oscillator Selection
This option bit is used to select the internal RC os-
cillator.
0: RC oscillator on
1: RC oscillator off
Note: If the RC oscillator is selected, then to im-
prove clock stability and frequency accuracy, it is
recommended to place a decoupling capacitor,
typically 100nF, between the VDD and VSS pins as
close as possible to the ST7 device.
OPT 3:2 = LVD[1:0] Low Voltage Selection
These option bits enable the voltage detection
block (LVD) with a selected threshold to the LVD.
OPT 1 = WDGSW Hardware or Software Watch-
dog
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT 0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No reset generation when entering HALT mode
1: Reset generation when entering HALT mode
OSCRANGE
21
0
Typ. frequency
range with
resonator
LP
1~2 MHz
0
0
0
MP
2~4 MHz
0
0
1
MS
4~8 MHz
0
1
0
HS
8~16 MHz
0
1
1
VLP 32.768~ kHz
1
0
0
External clock on OSC1
1
0
1
Reserved
1
1
0
Configuration
VD1
VD0
LVD Off
1
1
LVD High Threshold
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com