Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 126Page - STMicroelectronics ST7L15 Datasheet HTML 127Page - STMicroelectronics ST7L15 Datasheet HTML 128Page - STMicroelectronics ST7L15 Datasheet HTML 129Page - STMicroelectronics ST7L15 Datasheet HTML 130Page - STMicroelectronics ST7L15 Datasheet HTML 131Page - STMicroelectronics ST7L15 Datasheet HTML 132Page - STMicroelectronics ST7L15 Datasheet HTML 133Page - STMicroelectronics ST7L15 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 138 page
background image
ST7L15, ST7L19
130/138
DEVICE CONFIGURATION AND ORDERING INFORMATION (cont’d)
15.2 DEVICE ORDERING INFORMATION
Figure 102. Flash Commercial Product Code Structure
Table 26. Flash User Programmable Device Types
Part Number
Program Memory
(bytes)
RAM
(bytes)
Data EEPROM
(bytes)
Temperature
Range
Package
ST7FL15F1MAE
4K Flash
256
-
-40 to +85°C
SO20
ST7FL19F1MAE
128
ST7FL15F1MCE
-
-40 to +125°C
ST7FL19F1MCE
128
DEVICE
PACKAGE VERSION
E
E2DATA PINOUT PROG MEM
E = Leadfree (ECOPACK
™ option)
Conditioning options:
TR = Tape and Reel (left blank if Tube)
A = -40 to +85°C
C = -40 to +125°C
M = Plastic Small Outline
1 = 4 Kbytes
F = 20 pins
5= No E2 data
9= E2 data (128 bytes)
ST7FL1
TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com