Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 128Page - STMicroelectronics ST7L15 Datasheet HTML 129Page - STMicroelectronics ST7L15 Datasheet HTML 130Page - STMicroelectronics ST7L15 Datasheet HTML 131Page - STMicroelectronics ST7L15 Datasheet HTML 132Page - STMicroelectronics ST7L15 Datasheet HTML 133Page - STMicroelectronics ST7L15 Datasheet HTML 134Page - STMicroelectronics ST7L15 Datasheet HTML 135Page - STMicroelectronics ST7L15 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 138 page
background image
ST7L15, ST7L19
132/138
DEVICE CONFIGURATION AND ORDERING INFORMATION (cont’d)
Figure 104. ROM Commercial Product Code Structure
Table 28. ROM Factory Coded Device Types
Part Number
Program Memory
(bytes)
RAM
(bytes)
Data EEPROM
(bytes)
Temperature
Range
Package
ST7L15F1MAE
4K ROM
256
-
-40 to +85°C
SO20
ST7L19F1MAE
128
ST7L15F1MCE
-
-40 to +125°C
ST7L19F1MCE
128
DEVICE
PACKAGE
XXX
/
E = Leadfree (ECOPACK
™ option)
Conditioning options:
R = Tape and Reel (left blank if Tray)
Code name (defined by STMicroelectronics)
M = Plastic Small Outline
1= 4 Kbytes
F = 20 pins
5= No E2 data
9= E2 data (128 bytes)
ST7L1
R E
E2DATA PINOUT PROG MEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com