Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 130Page - STMicroelectronics ST7L15 Datasheet HTML 131Page - STMicroelectronics ST7L15 Datasheet HTML 132Page - STMicroelectronics ST7L15 Datasheet HTML 133Page - STMicroelectronics ST7L15 Datasheet HTML 134Page - STMicroelectronics ST7L15 Datasheet HTML 135Page - STMicroelectronics ST7L15 Datasheet HTML 136Page - STMicroelectronics ST7L15 Datasheet HTML 137Page - STMicroelectronics ST7L15 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 136 / 138 page
background image
ST7L15, ST7L19
136/138
16 REVISION HISTORY
Table 30. Revision History
Date
Revision
Main changes
16-Aug-2006
1
Initial release
20-Dec-2006
2
Replaced “ST7L1” with “ST7L15, ST7L19” in document name on page 1
Added “Features” heading above list of features on page 1
“Clock, Reset and Supply Management” on page 1: Removed AVD feature
Changed section 1 on page 4
Figure 1 on page 4:
- removed AVD
- replaced Autoreload Timer 2 with Autoreload Timer 4
- referenced Port C to figure footnote
Table 2 on page 8:
- replaced Autoreload Timer 2 with Autoreload Timer 4
- added “1” to register name and register label of AT4 counter register
Section 7 SUPPLY, RESET AND CLOCK MANAGEMENT features:
- changed Clock Management feature
- removed AVD from SI Management feature
Changed Section 7.4 MULTI-OSCILLATOR (MO)
Section 7.6 SYSTEM INTEGRITY MANAGEMENT (SI): Removed mention of AVD function
from first paragraph
Added caution about avoiding unwanted behavior during Reset sequence in section 7.5.1
on page 25
Figure 12 on page 23: Removed lock32 from bit 7 in SICSR
Figure 17 on page 29: Removed AVD from bits 1:0 in SICSR
Removed Section 7.6.2 Auxiliary Voltage Detector (AVD)
Removed Section 7.6.2.1 Monitoring the VDD Main Supply
Removed Figure 18. Using the AVD to Monitor VDD from Section 7
Section 7.6.2 Low-Power Modes: Removed AVD references
Removed Section 7.6.3.1 Interrupts
Section 7.6.3 Register Description: Changed bits 1:0 to reserved in SICSR
Changed section 11.2 on page 52: Replaced AT3 with AT4
Changed description of bits 11:0 of CNTR register in section 11.2.6 on page 65
Table 5, “Interrupt Mapping,” on page 32: Changed description of interrupt No. 7
Section 13.3.2 Operating Conditions with Low Voltage Detector (LVD): Removed AVD from
current consumption
Removed Section 13.3.3 Auxiliary Voltage Detector (AVD) Thresholds
Section 13.4.1 Supply Current: Changed typical and max values for AWUFH
Section 13.4.1 Supply Current: Changed typical value for ACTIVE HALT
Table 21, “ADC Accuracy with 3V < VDD < 3.6V,” on page 123: Changed typical and maxi-
mum values
Table 22, “ADC Accuracy with 4.5V < VDD < 5.5V,” on page 123: Redistributed max value
footnote links
Table 23, “Thermal Characteristics,” on page 124: Changed package thermal resistance
and power dissapation values
Removed text concerning Pb-containing packages from section 14.2 on page 125
Table 24 on page 125:
- changed title of “Plating Material” column
- removed note concerning Pb-package temperature for leadfree soldering compatibility
Changed Section 15 DEVICE CONFIGURATION AND ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com