Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R71 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1653ACPZ-R71
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R71 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1653ACPZ-R71 Datasheet HTML 2Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 3Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 4Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 5Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 6Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 7Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP1653
Rev. A | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD, CTRL0/SDA, CTRL1/SCL, INTF, EN,
SETI, SETT, SETF, STR, HPLED to GND
−0.3 V to +6 V
INT, ILED to GND
−0.3 V to + (VDD + 0.3 V)
LX, OUT to GND
−0.3 V to +12 V
PGND to GND
−0.3 V to +0.3 V
Operating Ambient Temperature Range
−40°C to +125°C1
Operating Junction Temperature
125°C
Storage Temperature Range
−65°C to +150°C
Soldering Conditions
JEDEC J-STD-020
1 In applications where high power dissipation and poor thermal resistance
are present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA(MAX)) is dependent on the maximum
operating junction temperature (TJ(MAXOP) = 125°C), the maximum power
dissipation of the device (PD(MAX)), and the junction-to-ambient thermal
resistance of the part/package in the application (θJA), using the following
equation: TA(MAX) = TJ(MAXOP) – (θJA x PD(MAX)).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages
are referenced to GND.
THERMAL RESISTANCE
Junction-to-ambient thermal resistance (θJA) of the package is
based on modeling and calculation using a 4-layer board. The
junction-to-ambient thermal resistance is dependent on the
application and board layout. In applications where high maximum
power dissipation exists, attention to thermal board design is
required. The value of θJA may vary, depending on PCB material,
layout, and environmental conditions. For more information,
see the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
Table 4. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP
44
°C/W
Maximum Power Dissipation
1
W
BOUNDARY CONDITION
Natural convection, 4-layer board, exposed pad soldered to the PCB.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com