Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R71 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1653ACPZ-R71
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R71 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1653ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 12Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP1653
Rev. A | Page 13 of 24
THEORY OF OPERATION
The ADP1653 is a high power, white LED driver ideal for
driving white LEDs for use as a camera flash. The ADP1653
includes a step-up converter and a current regulator suitable for
powering one, or up to three, high power, white LEDs. A second
lower current sink allows an indicator LED to be driven with
2.5 mA to 17.5 mA current.
The ADP1653 responds to a 2-pin control interface that can
operate in two separate pin-selectable modes. Tying the INTF
pin high enables a 2-bit logic hardwire interface. Tying the
INTF pin low enables the I2C interface.
WHITE LED DRIVER
The ADP1653 drives a step-up converter to power typically one
or two series-connected, high power LEDs. The white LED driver
regulates the high power LED current for accurate brightness
control. The ADP1653 uses an integrated NFET current regulator
that drops the voltage when the power LED forward voltage is
less than the battery voltage.
When the required LED voltage is greater than the battery voltage,
the NFET current regulator voltage at the HPLED pin is approxi-
mately 320 mV, and the step-up converter applies the appropriate
voltage to OUT, allowing the LED to conduct the regulated current.
When the white LED is turned on, the step-up converter output
voltage slew is limited to 18 V/ms to prevent excessive battery
current while charging the output capacitor. The output voltage
of the step-up converter is sensed at OUT. If the output voltage
exceeds the 10.15 V (typical) limit, the white LED converter
turns off to indicate that a fault condition has occurred through
the INT output and system registers. This feature prevents damage
due to an overvoltage if the white LED string fails with an open-
circuit condition.
Setting the LED regulation currents depends on the 2-pin
control interface used, as described in the following sections.
16
15
4
3
ILED
CONTROL
6
7
14
INTERFACE/
CONTROL
11
10
PWM
CONTROLLER
OSCILLATOR
FAULT
REGISTER
THERMAL
PROTECTION
1
2
5
× 5200
= TORCH
× 20800
= FLASH
× 400
= ILED
12
Tx MASK (OPTIONAL)
WATCHDOG
TIMER
PGND
HPLED
GND
1.22V/RF
1.22V/RT
1.22V/RI
RF
RT
RI
SETF
1.22V
IREF
(FLASH)
IREF
(TORCH)
IREF
(ILED)
1.22V
1.22V
1.22V
1.22V
1.22V
SETT
SETI
INTF
INT
VDD/2
I/O VDD
STR
EN
CTRL0/SDA
CTRL1/SCL
10.15V
2.7V
OVP
UVLO
ILED
OUT
VDD
13
7
9
–
+
0.32V
OUT
COUT
D1
PGND
CIN
PGND
L1
LX
HIGH POWER
LED CONTROL
8
VDD = 2.75V TO 5.5V
BIAS
Figure 25. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com