Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R71 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1653ACPZ-R71
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R71 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1653ACPZ-R71 Datasheet HTML 16Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 17Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 18Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 19Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 20Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 21Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 22Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 23Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP1653
Rev. A | Page 20 of 24
INDUCTOR
VIN
GND
L1
C1
INPUT CAPACITOR
C2
OUTPUT CAPACITOR
SCHOTTKY DIODE
D1
HIGH-POWER
LED
D3
HIGH-POWER
LED
D2
INDICATOR LED
D4
SETT RESISTOR
R6
SETF RESISTOR
R5
TxMASK RESISTOR
R4
SETI RESISTOR
R7
ADP1653
AGND PLANE
PGND PLANE
PGND
PGND
CONNECT AGND TO PGND CLOSE TO IC. THIS IS THE GND RETURN PATH FOR HPLED CURRENT,
SO A REASONABLY LARGE VIA SHOULD BE USED TO CONNECT AGND TO PGND PLANE.
Figure 34. Example Layout of ADP1653 Driving Two White LEDs, Pink = GND Layer, Gray/Green = Top Layer (a One-LED Layout Is Similar)
16
15
14
13
5
6
7
8
12
11
10
9
1
2
3
4
ADP1653
4.7µF
4.7µF
ONE
OR
TWO
LEDs
2.2µH
INPUT VOLTAGE = 2.75V TO 5.5V
VDD
Tx MASK
OPTIONAL
SETT
SETF
CTRL1/SCL
CTRL0/SDA
EN
STR
VDD
LX
SETI ILED
OUT
GND
PGND
INTF
HPLED
INT
Figure 35. Typical Applications Circuit (High Current Lines Are Shown in Bold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com