Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1653ACPZ-R71 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1653ACPZ-R71
Description  Compact, High Efficiency, High Power Flash/Torch LED Driver with Dual Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1653ACPZ-R71 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1653ACPZ-R71 Datasheet HTML 8Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 9Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 10Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 11Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 12Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 13Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 14Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 15Page - Analog Devices ADP1653ACPZ-R71 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP1653
Rev. A | Page 12 of 24
127.5
122.5
–40
TEMPERATURE (°C)
10
60
110
127.0
126.5
126.0
125.5
125.0
124.5
124.0
123.5
123.0
5.5V
3.6V
3V
Figure 23. HPLED Regulation, Set at 125 mA,
HPLED Register = 00110 (Binary), SETF = VDD
353
347
–40
TEMPERATURE (°C)
10
60
110
352
351
350
349
348
3.6V
5.5V
3V
Figure 24. HPLED Regulation, Set at 350 mA,
HPLED Register = 10101 (Binary), SETF = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com