Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33186 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33186 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33186
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33186 Pin Locations
Table 1. 33186 Pin Description
Pin
Name
Description
9, 10, 11, 12
Metal slug
PGND
Power Ground. All the ground are connected together, they should be connected as short as
possible on the PCB.
1AGND
Analog ground. All the ground are connected together, they should be connected as short as
possible on the PCB.
2Output
Status flag (SF)
Open drain output, active low. Is set according to the truth table. When a fault appears, SF changes
typically in less than 100 ms.
3,13
18, 19
Inputs IN1, IN2,
DI1, DI2, COD
Voltage controlled inputs with hysteresis
8COD
When not connected or connected to GND, a stored failure will be reset by change of the voltage-
level on DI1 or DI2.
When connected to VCC, the disable Pin DI1 and DI2 are inactive. A stored failure will be reset by
change of the voltage-level on IN1 or IN2.
6, 7, 14, 15
OUT1, OUT2
H-Bridge outputs with integrated free-wheeling diodes.
1
2
3
5
4
6
7
8
9
10
1
2
3
5
4
6
7
8
9
20
1
1
1
1
1
1
1
1
1
Metal slug is connected to power ground
PIN CONNECTIONS
(Top View)
AGND
SF
IN1
VBAT
VBAT
COD
PGND
PGND
PGND
PGND
DI2
OUT2
OUT2
DI1
OUT1
OUT1
CP
VBAT
IN2
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com