Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33186 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33186
ELECTRICAL CHARACTERISTICS
Figure 15. Switch off Current vs. Temperature
Figure 16. Overcurrent Detection vs. Temperature
Figure 17. Current Limitation
Figure 18. Switch off Time
Figure 19. Output Switching Time: Tr
Figure 20. Output Switching Time: Tf
T, TEMPERATURE (
°C)
6,70
6,80
-50
0
25
100
-25
50
75
125
6,90
7,00
7,10
6,30
6,60
6,50
6,40
7,20
T, TEMPERATURE (
°C)
14,50
15,00
-50
0
25
100
-25
50
75
125
15,50
16,00
16,50
17,50
14,00
13,50
13,00
17,00
High side switch
Imotor (1A/div)
I(out) max= 7A
Imotor (1A/div)
Out1 (5V/div)
Out2 (5V/div)
ta=20.5µs
Out1 (5V/div)
tr=3.7µs
Out1 (5V/div)
tf=2.6µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com