Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33186 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33186 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33186
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristic noted under conditions -40
°C to +125 °C, VBAT from 5 V to 28 V, unless otherwise note. Typical values reflect
approximate mean at 25
°C, nominal VCC, at time of device characterization.
Characteristics
Symbol
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range:
Static
Dynamic (t < 500 ms)
VBAT
VBAT
5.0
–
–
–
28
40
V
V
Stand-by current
f = 0 to 10 KHz; IOUT = 0 A
I VBAT
–
–35
mA
VBAT-undervoltage switch-off (without load)
Switch-off Voltage
Switch-on Voltage
Hysteresis
4.15
4.5
150
4.4
4.75
–
4.65
5.0
–
V
V
mV
CHARGE-PUMP SUPPLY
VBAT = 4.15 V
VBAT < 40 V
VCP - VBAT
VCP - VBAT
3.35
–
–
–
–
20
V
V
LOGIC INPUTS
Input High
VINH
3.4
–
–
V
Input Low
VINL
–
–
1.4
V
Input Hysteresis
U0.7
1.0
–
V
Input Pull Up Current (IN1, IN2, DI1)
UIN = 0.0 V
I
- 200
- 80
–
µA
Input Pull Down Current (DI2,COD)(3)
UDI2 = 5.0 V
IDI2
–
25
100
µA
POWER OUTPUTS: OUT1, OUT2
Switch on resistance:
ROUT - VBAT; ROUT - GND
VBAT = 5 to 28 V; CCP = 0 to 33 nF
–
–
300
m
Ω
Switch-off Current during Current Limitation
on Low Sides
(IOUT) MAX
5.2
6.5
7.8
A
Switch-off Time during Current Limitation on
Low Sides
tA
15
20.5
26
µs
Blanking Time during Current Limitation on
Low Sides
tB
12
16.5
21
µs
Notes
3.
In case of negative voltage at OUT2 (respectively OUT1) this maximum pull down current at DI2 (respectively COD) Pin can be
exceeded. This happens during recirculation when the current is flowing in the low side. See curve 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com