Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33186 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33186
Description  H-Bridge Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33186 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33186 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33186 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Freescale Semiconductor, Inc. reserves the right to change the detail specifications,
as may be required, to permit improvements in the design of its products.
Document Number: MC33186
Rev. 6.0, 10/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2007. All rights reserved.
H-Bridge Driver
The 33186 is a monolithic H-Bridge ideal for fractional horsepower
DC-motor and bi-directional thrust solenoid control. The IC
incorporates internal control logic, charge pump, gate drive, and low
RDS(ON) MOSFET output circuitry. The 33186 is able to control
continuous inductive DC load currents up to 5.0 A. Output loads can
be pulse width modulated (PWM-ed) at frequencies up to 10 kHz.
The 33186 is parametrically specified over a temperature range of
-40
°C ≤ T
A ≤ 125°C, 5.0 V ≤ V+ ≤ 28 V. The IC can also be operated
up to 40 V with de-rating of the specifications. The IC is available in a
surface mount power package with exposed pad for heat sinking.
Features
• Overtemperature, Short-Circuit Protection, and Overvoltage
Protection against Transients up to 40 V at VBAT Typical
• RDSon = 150 m
Ω for each output Transistor at 25°C
• Continuous DC Load Current 5 A (TC < 100
°C)
• Output Current Limitation at typ 6,5 A +/- 20%
• Short-Circuit Shutdown for Output Currents over 8 A
• Logic Inputs TTL/CMOS Compatible
• Operating Frequency up to 20 kHz
• Undervoltage Disable Function
• Diagnostic Output, 2 Disable Input
• Coding Input for Alternative Functions
• Stable Operation with an External Capacitance of Maximum 47
µF
at VBAT
• Pb-Free Packaging Designated by Suffix Code VW
Figure 1. 33186 Simplified Block Diagram
H-BRIDGE MOTOR DRIVER
33186
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33186DH1/R2
-40°C to 125°C
20 HSOP
MC33186VW1/R2
DH SUFFIX
VW SUFFIX (PB-FREE)
PLASTIC PACKAGE
98ASH70702A
20-PIN HSOP
5.0 V
VPWR
MOTOR
MCU
or
DSP
OUT2
OUT1
VBAT
CP
PGND
SF
IN1
DI1
IN2
DI2
33186


Similar Part No. - 33186

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
H-Bridge Driver
More results

Similar Description - 33186

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9978DW VISHAY-SI9978DW Datasheet
165Kb / 6P
Configurable H-Bridge Driver
05-Apr-99
logo
Cherry Semiconductor Co...
CS3720 CHERRY-CS3720 Datasheet
159Kb / 4P
2A H-Bridge Driver
Rev. 5/4/99
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
H-bridge driver
logo
Freescale Semiconductor...
33186 FREESCALE-33186_11 Datasheet
477Kb / 24P
H-Bridge Driver
MC33186DH1 FREESCALE-MC33186DH1 Datasheet
659Kb / 24P
H-Bridge Driver
MC33186VW2R2 FREESCALE-MC33186VW2R2 Datasheet
659Kb / 24P
H-Bridge Driver
logo
ON Semiconductor
CS3720 ONSEMI-CS3720 Datasheet
70Kb / 4P
2A H-Bridge Driver
December, 2001 - Rev. 5
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
H BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com