Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9011 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS9011
Description  Solar Cell System Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9011 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS9011 Datasheet HTML 1Page - Micro Analog systems MAS9011 Datasheet HTML 2Page - Micro Analog systems MAS9011 Datasheet HTML 3Page - Micro Analog systems MAS9011 Datasheet HTML 4Page - Micro Analog systems MAS9011 Datasheet HTML 5Page - Micro Analog systems MAS9011 Datasheet HTML 6Page - Micro Analog systems MAS9011 Datasheet HTML 7Page - Micro Analog systems MAS9011 Datasheet HTML 8Page - Micro Analog systems MAS9011 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DA9011.001
28 Jan 2004
2 (9)
PAD LAYOUT
670 µm
MAS
9011
GND
VDD
SOL
PO
LB
DIE size = 0.67 mm x 1.43 mm
PAD size = 80 x 80
µm
Note: Make sure that VDD is the first pad to be bonded. Pick-and-place and all component assembly are
recommended to be performed in ESD protected area.
Note: If the die is to be placed on metal plane, the metal plane should be connected to VDD or left floating. This
because the substrate of the die is internally connected to VDD.
Note: Coordinates are pad center points where origin has been located in bottom-left corner of the silicon die.
Pad Identification
Name
X-coordinate
Y-coordinate
Power Supply Ground
GND
174
µm
1208
µm
Power Supply Voltage
VDD
334
µm
1210
µm
Full Battery Output
SOL
495
µm
1221
µm
Power On Output
PO
211
µm
221
µm
Low Battery Output
LB
462
µm
221
µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com