Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9011 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9011
Description  Solar Cell System Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9011 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9011 Datasheet HTML 1Page - Micro Analog systems MAS9011 Datasheet HTML 2Page - Micro Analog systems MAS9011 Datasheet HTML 3Page - Micro Analog systems MAS9011 Datasheet HTML 4Page - Micro Analog systems MAS9011 Datasheet HTML 5Page - Micro Analog systems MAS9011 Datasheet HTML 6Page - Micro Analog systems MAS9011 Datasheet HTML 7Page - Micro Analog systems MAS9011 Datasheet HTML 8Page - Micro Analog systems MAS9011 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DA9011.001
28 Jan 2004
4 (9)
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Supply Voltage
VDD
-0.3
6.0
V
Voltage range for all pins
-0.3
VDD+0.3
V
Operating temperature
TA
-40
+85
oC
Storage Temperature
TS
-50
+125
oC
ELECTRICAL CHARACTERISTICS
TA = -40°C to +85°C, typical values at TA = +27°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage
VDD
1.00
3.00
V
Current consumption
IQ
100
300
nA
PO switching level
VPO
Switching On
Switching Off
1.15
1.10
V
PO hysteresis
VPO(H)
50
mV
PO output voltage
VPO(OUT)
VDD = 1.05 V,
IPO = -1.0 mA
0.06
V
LB switching level
VLB
Switching On
Switching Off
1.19
1.22
V
LB hysteresis
VLB(H)
30
mV
LB output voltage
VLB(OUT)
VDD = 1.15 V, ILB = 50 µA
VDD = 1.30 V, ILB = -50 µA
0.95
0.20
V
SOL switching level
VSOL
Switching On
Switching Off
1.55
1.48
V
SOL hysteresis
VSOL(H)
70
mV
SOL output current
ISOL
VDD = 1.4 V, VSOL = 0 V
TBD
nA
SOL leakage current
VDD = 1.7 V
-50
+50
nA
LB on level – PO off level
90
mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com