Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9011 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS9011
Description  Solar Cell System Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9011 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS9011 Datasheet HTML 1Page - Micro Analog systems MAS9011 Datasheet HTML 2Page - Micro Analog systems MAS9011 Datasheet HTML 3Page - Micro Analog systems MAS9011 Datasheet HTML 4Page - Micro Analog systems MAS9011 Datasheet HTML 5Page - Micro Analog systems MAS9011 Datasheet HTML 6Page - Micro Analog systems MAS9011 Datasheet HTML 7Page - Micro Analog systems MAS9011 Datasheet HTML 8Page - Micro Analog systems MAS9011 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DA9011.001
28 Jan 2004
7 (9)
PACKAGE (TSOT-5) OUTLINE
Symbol
Min
Nom
Max
Unit
A
--
--
1.00
mm
A1
0.01
0.05
0.10
mm
A2
0.84
0.87
0.90
mm
b
0.30
--
0.45
mm
c
0.12
0.127
0.20
mm
D
2.90BSC
mm
E
2.80BSC
mm
E1
1.60BSC
mm
e
0.95BSC
mm
e1
1.90BSC
mm
L
0.30
0.40
0.50
mm
L2
0.25BSC
mm
Q
10°
12°
L2
A
CL
CL
CL
L
E1
be
CL
E
e1
D
A2
A1
c
1) PACKAGE OUTLINE DIMENSIONS INCLUSIVE
OF METAL BURR & SOLDER PLATING
2) PACKAGE OUTLINE EXCLUSIVE OF MOLD
FLASH
3) ALL SPECIFICATIONS COMPLY TO JEDEC
MO193
4) Q REFERS TO ALL PACKAGE DRAFT ANGLES



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com