Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9011 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS9011
Description  Solar Cell System Manager
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9011 Datasheet(HTML) 8 Page - Micro Analog systems

  MAS9011 Datasheet HTML 1Page - Micro Analog systems MAS9011 Datasheet HTML 2Page - Micro Analog systems MAS9011 Datasheet HTML 3Page - Micro Analog systems MAS9011 Datasheet HTML 4Page - Micro Analog systems MAS9011 Datasheet HTML 5Page - Micro Analog systems MAS9011 Datasheet HTML 6Page - Micro Analog systems MAS9011 Datasheet HTML 7Page - Micro Analog systems MAS9011 Datasheet HTML 8Page - Micro Analog systems MAS9011 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DA9011.001
28 Jan 2004
8 (9)
SOLDERING INFORMATION
◆ For Lead-Free TSOT-5
Resistance to Soldering Heat
According to RSH test IEC 68-2-58/20
Maximum Temperature
260
°C
Maximum Number of Reflow Cycles
3
Reflow profile
Thermal profile parameters stated in JESD22-A113 should not
be exceeded. http://www.jedec.org
Seating Plane Co-planarity
max 0.08 mm
Lead Finish
Solder plate 7.62 - 25.4 µm, material Matte Tin
TAPE & REEL SPECIFICATIONS (TSOT-5)
Other Dimensions according to EIA-481 Standard
3000 Components on Each Reel
Dimension
Min
Max
Unit
A
178
mm
B
1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N
50
mm
W1 (measured at hub)
8.4
9.9
mm
W2 (measured at hub)
14.4
mm
W3 (includes flange distortion at outer edge)
7.9
10.9
mm
Trailer
160
mm
Leader
390,
of which minimum 160 mm of
empty carrier tape sealed with
cover tape
mm
A
B
D
W3
W2
C
W1
N
Feeding Direction
8 mm
4 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com