Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6926 Datasheet HTML 3Page - STMicroelectronics L6926 Datasheet HTML 4Page - STMicroelectronics L6926 Datasheet HTML 5Page - STMicroelectronics L6926 Datasheet HTML 6Page - STMicroelectronics L6926 Datasheet HTML 7Page - STMicroelectronics L6926 Datasheet HTML 8Page - STMicroelectronics L6926 Datasheet HTML 9Page - STMicroelectronics L6926 Datasheet HTML 10Page - STMicroelectronics L6926 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
L6926
Operation description
7/17
4
Operation description
The main loop uses slope compensated PWM current mode architecture. Each cycle the
high side MOSFET is turned on, triggered by the oscillator, so that the current flowing
through it (the same as the inductor current) increases. When this current reaches the
threshold (set by the output of the error amplifier E/A), the peak current limit comparator
PEAK_CL turns off the high side MOSFET and turns on the low side one until the next clock
cycle begins or the current flowing through it goes down to zero (ZERO CROSSING
comparator). The peak inductor current required to trigger PEAK_CL depends on the slope
compensation signal and on the output of the error amplifier.
In particular, the error amplifier output depends on the VFB pin voltage. When the output
current increases, the output capacitor is discharged and so the VFB pin decreases. This
produces increase of the error amplifier output, so allowing a higher value for the peak
inductor current. For the same reason, when due to a load transient the output current
decreases, the error amplifier output goes low, so reducing the peak inductor current to
meet the new load requirements.
The slope compensation signal allows the loop stability also in high duty cycle conditions
(see related section)
Figure 2.
Device block diagram
VCC
SYNC
COMP
P
GOOD
GND
DRIVER
GND
GND
GND
PEAK
CL
VALLEY
CL
Vcc
ZERO
CROSSING
LOOP
CONTROL
OSCILLATOR
LOW
NOISE/
CONSUMPTION
LX
OVP
V
REF
FB
E/A
P
GOOD
POWER
P
MOS
POWER
N
MOS
SENSE
P
MOS
SENSE
N
MOS
Vcc
0.6V
V
REF
0.9V
SLOPE
RUN
VCC
SYNC
COMP
P
GOOD
GND
DRIVER
GND
GND
GND
PEAK
CL
VALLEY
CL
Vcc
ZERO
CROSSING
LOOP
CONTROL
OSCILLATOR
LOW
NOISE/
CONSUMPTION
LX
OVP
V
REF
FB
E/A
P
GOOD
POWER
P
MOS
POWER
N
MOS
SENSE
P
MOS
SENSE
N
MOS
Vcc
0.6V
V
REF
0.9V
SLOPE
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com