Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6926 Datasheet HTML 9Page - STMicroelectronics L6926 Datasheet HTML 10Page - STMicroelectronics L6926 Datasheet HTML 11Page - STMicroelectronics L6926 Datasheet HTML 12Page - STMicroelectronics L6926 Datasheet HTML 13Page - STMicroelectronics L6926 Datasheet HTML 14Page - STMicroelectronics L6926 Datasheet HTML 15Page - STMicroelectronics L6926 Datasheet HTML 16Page - STMicroelectronics L6926 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
L6926
Package mechanical data
13/17
Figure 4.
VFSON8 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.80
0.85
1.00
0.031
0.034
0.039
A1
0.05
0.0019
b
0.25
0.30
0.35
0.0098 0.012 0.0137
D
2.85
3.00
3.15
0.1122 0.118 0.1240
D2
2.20
2.30
2.40
0.0866 0.0905 0.0944
E
4.75
4.90
5.05
0.1870 0.1929 0.1988
E2
3.00
3.10
3.20
0.1181 0.1220 0.1259
e
0.65
0.0255
L
0.45
0.65
0.0177
0.0255
ddd
0.05
0.0019
VFSON8 (3x4.9x1.0mm, Pitch 0.65)
Very thin Fine pitch Small Outline No lead
7575057 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com