Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6926 Datasheet HTML 5Page - STMicroelectronics L6926 Datasheet HTML 6Page - STMicroelectronics L6926 Datasheet HTML 7Page - STMicroelectronics L6926 Datasheet HTML 8Page - STMicroelectronics L6926 Datasheet HTML 9Page - STMicroelectronics L6926 Datasheet HTML 10Page - STMicroelectronics L6926 Datasheet HTML 11Page - STMicroelectronics L6926 Datasheet HTML 12Page - STMicroelectronics L6926 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
L6926
Operation description
9/17
4.2
Short circuit protection
During the device operation, the inductor current increases during the high side turn ON
phase and decrease during the high side turn off phase based on the following equations:
Equation 1
Equation 2
In strong overcurrent or shortcircuit conditions the VOUT can be very close to zero. In this
case
∆ION increases and ∆IOFF decreases. When the inductor peak current reaches the
current limit, the high side mosfet turns off and so the TON is reduced down to the minimum
value (250ns typ.) in order to reduce as much as possible
∆ION.
Anyway, if VOUT is low enough it can be that the inductor peak current further increases
because during the TOFF the current decays very slowly.
Due to this reason a second protection that fixes the maximum inductor valley current has
been introduced. This protection doesn't allow the high side MOSFET to turn on if the
current flowing through the inductor is higher that a specified threshold (valley current limit).
Basically the TOFF is increased as much as required to bring the inductor current down to
this threshold.
So, the maximum peak current in worst case conditions will be:
Equation 3
Where IPEAK is the valley current limit (1.4A typ.) and TON_MIN is the minimum TON of the
high side MOSFET.
∆I
ON
V
IN
V
OUT
–
()
L
----------------------------------
T
ON
⋅
=
∆I
OFF
V
OUT
()
L
-------------------
T
OFF
⋅
=
I
PEAK
I
VALLEY
V
IN
L
---------
T
ON_MIN
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com