Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6926 Datasheet HTML 8Page - STMicroelectronics L6926 Datasheet HTML 9Page - STMicroelectronics L6926 Datasheet HTML 10Page - STMicroelectronics L6926 Datasheet HTML 11Page - STMicroelectronics L6926 Datasheet HTML 12Page - STMicroelectronics L6926 Datasheet HTML 13Page - STMicroelectronics L6926 Datasheet HTML 14Page - STMicroelectronics L6926 Datasheet HTML 15Page - STMicroelectronics L6926 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
L6926
12/17
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Figure 3.
MSOP8 mechanical data & package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.10
0.043
A1
0.050
0.150
0.002
0.006
A2
0.750
0.850
0.950
0.03
0.033
0.037
b
0.250
0.400
0.010
0.016
c
0.130
0.230
0.005
0.009
D (1)
2.900
3.000
3.100
0.114
0.118
0.122
E
4.650
4.900
5.150
0.183
0.193
0.20
E1 (1)
2.900
3.000
3.100
0.114
0.118
0.122
e
0.650
0.026
L
0.400
0.550
0.700
0.016
0.022
0.028
L1
0.950
0.037
k
0˚ (min.) 6˚ (max.)
aaa
0.100
0.004
Note:
1. D and F does not include mold flash or protrusions.
Mold flash or potrusions shall not exceed 0.15mm
(.006inch) per side.
MSOP8
(Body 3mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com