Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6P Datasheet(PDF) 7 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 3Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 4Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 5Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 6Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 7Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 8Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 9Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 10Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
M25P64
Description
7/49
Figure 1.
Logic diagram
Figure 2.
VDFPN connections
1.
There is an exposed central pad on the underside of the VDFPN package. This is pulled, internally, to VSS,
and must not be allowed to be connected to any other voltage or signal line on the PCB.
2.
See Section 11: Package mechanical for package dimensions, and how to identify pin-1.
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W/VPP
Write Protect/Enhanced Program Supply Voltage
Input
HOLD
Hold
Input
VCC
Supply Voltage
VSS
Ground
AI07485B
S
VCC
M25P64
HOLD
VSS
W/VPP
Q
C
D
1
AI08595B
2
3
4
8
7
6
5
D
VSS
C
HOLD
Q
SVCC
W/VPP
M25P64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com