Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6P Datasheet(PDF) 22 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 18Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 19Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 20Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 21Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 22Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 23Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 24Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 25Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
Instructions
M25P64
22/49
6
Instructions
All instructions, addresses and data are shifted in and out of the device, most significant bit
first.
Serial Data Input (D) is sampled on the first rising edge of Serial Clock (C) after Chip Select
(S) is driven Low. Then, the one-byte instruction code must be shifted in to the device, most
significant bit first, on Serial Data Input (D), each bit being latched on the rising edges of
Serial Clock (C).
The instruction set is listed in Table 4.
Every instruction sequence starts with a one-byte instruction code. Depending on the
instruction, this might be followed by address bytes, or by data bytes, or by both or none.
In the case of a Read Data Bytes (READ), Read Data Bytes at Higher Speed (Fast_Read),
Read Status Register (RDSR), Read Identification (RDID) or Read Electronic Signature
(RES) instruction, the shifted-in instruction sequence is followed by a data-out sequence.
Chip Select (S) can be driven High after any bit of the data-out sequence is being shifted
out.
In the case of a Page Program (PP), Sector Erase (SE), Bulk Erase (BE), Write Status
Register (WRSR), Write Enable (WREN) or Write Disable (WRDI), Chip Select (S) must be
driven High exactly at a byte boundary, otherwise the instruction is rejected, and is not
executed. That is, Chip Select (S) must driven High when the number of clock pulses after
Chip Select (S) being driven Low is an exact multiple of eight.
All attempts to access the memory array during a Write Status Register cycle, Program
cycle or Erase cycle are ignored, and the internal Write Status Register cycle, Program
cycle or Erase cycle continues unaffected.
Table 4.
Instruction set
Instruction
Description
One-byte instruction
code
Address
bytes
Dummy
bytes
Data
bytes
WREN
Write Enable
0000 0110
06h
0
0
0
WRDI
Write Disable
0000 0100
04h
0
0
0
RDID
Read Identification
1001 1111
9Fh
0
0
1 to 3
RDSR
Read Status Register
0000 0101
05h
0
0
1 to
∞
WRSR
Write Status Register
0000 0001
01h
0
0
1
READ
Read Data Bytes
0000 0011
03h
3
0
1 to
∞
FAST_READ
Read Data Bytes at
Higher Speed
0000 1011
0Bh
3
1
1 to
∞
PP
Page Program
0000 0010
02h
3
0
1 to
256
SE
Sector Erase
1101 1000
D8h
3
0
0
BE
Bulk Erase
1100 0111
C7h
0
0
0
RES
Read Electronic Signature
1010 1011
ABh
0
3
1 to
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com