Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6P Datasheet(PDF) 20 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 16Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 17Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 18Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 19Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 20Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 21Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 22Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 23Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
Memory organization
M25P64
20/49
57
390000h
39FFFFh
56
380000h
38FFFFh
55
370000h
37FFFFh
54
360000h
36FFFFh
53
350000h
35FFFFh
52
340000h
34FFFFh
51
330000h
33FFFFh
50
320000h
32FFFFh
49
310000h
31FFFFh
48
300000h
30FFFFh
47
2F0000h
2FFFFFh
46
2E0000h
2EFFFFh
45
2D0000h
2DFFFFh
44
2C0000h
2CFFFFh
43
2B0000h
2BFFFFh
42
2A0000h
2AFFFFh
41
290000h
29FFFFh
40
280000h
28FFFFh
39
270000h
27FFFFh
38
260000h
26FFFFh
37
250000h
25FFFFh
36
240000h
24FFFFh
35
230000h
23FFFFh
34
220000h
22FFFFh
33
210000h
21FFFFh
32
200000h
20FFFFh
31
1F0000h
1FFFFFh
30
1E0000h
1EFFFFh
29
1D0000h
1DFFFFh
28
1C0000h
1CFFFFh
27
1B0000h
1BFFFFh
26
1A0000h
1AFFFFh
25
190000h
19FFFFh
24
180000h
18FFFFh
23
170000h
17FFFFh
Table 3.
Memory organization (continued)
Sector
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com