Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6P Datasheet(PDF) 23 Page - STMicroelectronics

Part # M25P64-VMF6P
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M25P64-VMF6P Datasheet HTML 19Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 20Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 21Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 22Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 23Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 24Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 25Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 26Page - STMicroelectronics M25P64-VMF6P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
M25P64
Instructions
23/49
6.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 8) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Program (PP), Sector
Erase (SE), Bulk Erase (BE) and Write Status Register (WRSR) instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (S) Low, sending the
instruction code, and then driving Chip Select (S) High.
Figure 8.
Write Enable (WREN) instruction sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com