Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR2 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1000-RTR2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR2 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1000-RTR2 Datasheet HTML 30Page - Texas Instruments CC1000-RTR2 Datasheet HTML 31Page - Texas Instruments CC1000-RTR2 Datasheet HTML 32Page - Texas Instruments CC1000-RTR2 Datasheet HTML 33Page - Texas Instruments CC1000-RTR2 Datasheet HTML 34Page - Texas Instruments CC1000-RTR2 Datasheet HTML 35Page - Texas Instruments CC1000-RTR2 Datasheet HTML 36Page - Texas Instruments CC1000-RTR2 Datasheet HTML 37Page - Texas Instruments CC1000-RTR2 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
CC1000
SWRS048A
Page 34 of 55
23. IF output
CC1000 has a built-in 10.7 MHz IF output
buffer.
This buffer could be applied in
narrowband
applications
with
requirements on mirror image filtering.
The system is then built with
CC1000, a
10.7 MHz ceramic filter and an external
10.7 MHz demodulator.
The external
network for IF output operation is shown in
Figure 23. R281 = 470
Ω, C281 = 3.3nF.
The external network provides 330
Ω
source impedance for the 10.7 MHz
ceramic filter.
RSSI/IF
CC1000
R281
C281
To 10.7MHz filter
and demodulator
RSSI/IF
CC1000
R281
C281
To 10.7MHz filter
and demodulator
Figure 23. IF output circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com