Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR2 Datasheet(PDF) 23 Page - Texas Instruments

Part # CC1000-RTR2
Description  Single Chip Very Low Power RF Transceiver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1000-RTR2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CC1000-RTR2 Datasheet HTML 19Page - Texas Instruments CC1000-RTR2 Datasheet HTML 20Page - Texas Instruments CC1000-RTR2 Datasheet HTML 21Page - Texas Instruments CC1000-RTR2 Datasheet HTML 22Page - Texas Instruments CC1000-RTR2 Datasheet HTML 23Page - Texas Instruments CC1000-RTR2 Datasheet HTML 24Page - Texas Instruments CC1000-RTR2 Datasheet HTML 25Page - Texas Instruments CC1000-RTR2 Datasheet HTML 26Page - Texas Instruments CC1000-RTR2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
CC1000
SWRS048A
Page 23 of 55
14. Frequency programming
RX mode:
f
LO (low-side)
f
LO (high-side)
f
RF
(Receive frequency)
f
IF
f
IF
TX mode:
f
RF
(Center frequency)
f
sep
f
0
(Lower FSK
frequency)
f
1
(Upper FSK
frequency)
f
vco
f
vco
Figure 15. Relation between fvco, fif, and LO frequency
The
frequency
synthesiser
(PLL)
is
controlled by the frequency word in the
configuration registers. There are two
frequency words, A and B, which can be
programmed to two different frequencies.
One of the frequency words can be used
for RX (local oscillator frequency) and the
other for TX (transmitting frequency, f0).
This makes it possible to switch very fast
between RX mode and TX mode. They
can also be used for RX (or TX) on two
different
channels.
The
MAIN.F_REG
control bit performs selection of frequency
word A or B.
The frequency word, FREQ, is 24 bits (3
bytes)
located
in
FREQ_2A:FREQ_1A:FREQ_0A
and
FREQ_2B:FREQ_1B:FREQ_0B for the A
and B word, respectively.
The
frequency
word
FREQ
can
be
calculated from:
16384
8192
+
⋅
+
⋅
=
TXDATA
FSEP
FREQ
f
f
ref
VCO
,
where TXDATA is 0 or 1 in transmit mode
depending
on
the
data
bit
to
be
transmitted on DIO. In receive mode
TXDATA is always 0.
The reference frequency fref is the crystal
oscillator clock divided by PLL.REFDIV, a
number between 2 and 14 that should be
chosen such that:
1.0 MHz
≤ f
ref ≤ 2.46 MHz
Thus, the reference frequency fref is:
REFDIV
f
f
xosc
ref =
fVCO is the Local Oscillator (LO) frequency
in receive mode, and the f0 frequency in
transmit mode (lower FSK frequency). The
LO frequency must be fRF – fIF or fRF + fIF
giving low-side or high side LO injection
respectively. Note that the data on DIO will
be inverted if high-side LO is used.
The upper FSK transmit frequency is
given by:
f1 = f0 + fsep ,
where the frequency separation fsep is set
by
the
11
bit
separation
word
(FSEP1:FSEP0):
16384
FSEP
f
f
ref
sep
⋅
=
Clearing
PLL.ALARM_DISABLE
will
enable generation of the frequency alarm
bits PLL.ALARM_H and PLL.ALARM_L.
These bits indicate that the frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com